Part Number Hot Search : 
12R05 BSV26 020LF BC857BT S13D2 SY100 HAL501 74LS18
Product Description
Full Text Search
 

To Download B180B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B120B thru B1100B
Surface Mount Schottky Barrier Rectifiers
Feature:
REVERSE VOLTAGE 20 TO 100 VOLTS FORWARD CURRENT 1.0 AMPERE
*For Surface Mount Application *Metal-Semiconductor Junction With Guardring *Epitaxial Construction *Very Low Forward Voltage Drop *High Current Capability *Plastic Meterial Has UL Flammability Classification 94V-0 *For Use In Low , And Polarity Protection Applications
*Case : Molded Plastic *Polarity :Indicated by cathode band *Weight : 0.003 Ounce ,0.093 grams
Mechanical Data
SMB(DO-214AA)
SMB Outline Dimension
SMB Dim A B C D E G H J Min
3.30 4.06 1.96 0.15 5.00 0.10 0.76 2.00
Unit:mm
Max
3.94 4.80 2.21 0.31 5.59 0.20 1.52 2.62
WEITRON
http://www.weitron.com.tw
B120B thru B1100B
Maximum Ratings and Electrical Characteristics
Rating 25 C Ambient Temperature Unless Otherwise Specified. Single Phase Half Wave, 60Hz , Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%. Characteristics
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Recti ed Current @TC=100C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous At 1.0A Maximum DC Reverse Current @Tj=25C At Rated DC Blocking Voltage @Tj=100C Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range
VF IR CJ RJL TJ TSTG 0.5 0.7 0.5 10 110 20 -55 to +125 -55 to +150 0.79 IFSM 30 Symbol VRRM VRMS VDC IF(AV)
B120B B130B B140B B150B B160B B170B B180B B190B B1100B
Unit
20 14 20
30 21 30
40 28 40
50 35 50
60 42 60 1.0
70 49 70
80 56 80
90 63 90
100 70 100
V V V A
A V mA
pF C/W C C
NOTES: 1. Measured at 1.0MHz applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to case.
WEITRON
http://www.weitron.com.tw
Rev.A 05-Mar-09
B120B thru B1100B
FIG.1 FORDWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES 1.00
FIG.2 MAXIMUM NON-REPETITIVE SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES 30
0.75
20
0.50
0.25 SIGNE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 20 40 60 80 100 120 140
10 PULSE WIDTH 8.3ms SINGLE MALF-SINE-WAVE (JEDEC METHOD) 1 2 5 10 20 50 100
0.00
0
LEAD TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT,(A) 10
B120B to B140B 1000
FIG.4 TYPICAL JUNCTION CAPACITANCE
1.0
B150B to B160B
CAPACITANCE , (pF)
100
0.1
.01 0
TJ=25 C PULSEWIDTH:300us
TJ=25 C F=1MHz 10 0.1 1.0 4.0 10.0 100
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
REVERSE VOLTAGE , (VOLTS)
FIG.5 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT ,(mA)
100
10
TJ=125 C TJ=100 C
1.0
0.1
0.01 TJ=25 C 0.001 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
http://www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of B180B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X